Part Number Hot Search : 
9290X02 MAX81405 P328G EHS2Z1 MTZJ18 MAX815N EHS2Z1 MC20A
Product Description
Full Text Search
 

To Download HYM72V8030GS-60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8M x 72-Bit Dynamic RAM Module (ECC - Module) 168 pin buffered DIMM Module
HYM 72V8020GS-50/-60 HYM 72V8030GS-50/-60
*
168 pin JEDEC Standard, Buffered 8 Byte Dual In-Line Memory Module for PC main memory applications 1 bank 8 M x 72 organisation Optimized for ECC applications Fast Page Mode Operation Performance: -50 tRAC tCAC tAA tRC tPC RAS access time CAS access time Access time from address Read/Write cycle time Fast page mode cycle time 50 18 30 90 35 -60 60 20 35 110 40 ns ns ns ns ns
* * * *
* * * * * * * * *
Single + 3.3V 0.3 V supply CAS-before-RAS refresh, RAS-only refresh Decoupling capacitors mounted on substrate All inputs, outputs and clock fully LVTTL & LVCMOS compatible 4 Byte interleave enabled, Dual Address inputs (A0/B0) Buffered inputs excepts RAS and DQ Parallel Presence Detects Utilizes nine 8M x 8 -DRAMs and BiCMOS buffers/line drivers VT244A Two versions: HYM 72V8030GS with SOJ-components ( 9 mm module thickness) HYM 72V8020GS with TSOPII-components ( 4 mm module thickness) 4048 refresh cycles / 64 ms with 12 / 11 addressing Gold contact pad Double sided module with 25.35 mm (1000 mil) height
* * *
Semiconductor Group
1
6.96
HYM72V8020/30GS-50/-60 8M x 72-ECC Module
The HYM 72V8020/30GS-50/-60 is a 64 MByte DRAM module organized as 8 388 608 words by 72bit in a 168-pin, dual read-out, single-in-line package comprising nine HYB3165800AJ/AT 8M x 8 DRAMs in 400 mil wide SOJ or TSOPII - packages mounted together with ceramic decoupling capacitors on a PC board. All inputs except RAS and DQ are buffered by using BiCMOS buffers/ line drivers. Each HYB3165800AJ/AT is described in the data sheet and is fully electrically tested and processed according to Siemens standard quality procedure prior to module assembly. After assembly onto the board, a further set of electrical tests is performed. The density and speed of the module can be detected by the use of presence detect pins.
Ordering Information Type
HYM 72V8020GS-50 HYM 72V8020GS-60 HYM 72V8030GS-50 HYM 72V8030GS-60
Ordering Code
Package
L-DIM-168-3 L-DIM-168-3 L-DIM-168-3 L-DIM-168-3
Descriptions
DRAM module (access time 50 ns) DRAM module (access time 60 ns) DRAM module (access time 50 ns) DRAM module (access time 60 ns)
Pin Names A0-A12,B0 A0-A11,B0 DQ0 - DQ71 RAS0, RAS2 CAS0 , CAS2 WE0, WE2 OE0, OE2 Vcc Vss PD1 - PD8 PDE ID0 , ID1 N.C. Presence-Detect and ID-pin Truth Table: Module HYM 728020/30GS-50 HYM 728020/30GS-60 ID0 Vss Vss ID1 Vss Vss PD1 1 1 PD2 0 0 PD3 1 1 PD4 1 1 PD5 0 0 PD6 0 1 PD7 0 1 PD8 0 0 Row Address Inputs Column Address Inputs Data Input/Output Row Address Strobe Column Address Strobe Read / Write Input Output Enable Power (+3.3 Volt) Ground Presence Detect Pins Presence Detect Enable ID indentification bit No Connection
Note: 1 = High Level ( Driver Output) , 0 = Low Level (Driver Output) for PDE active ( ground) . For PDE at a high level all PD terminal are in tri-state.
Semiconductor Group
2
HYM72V8020/30GS-50/-60 8M x 72-ECC Module
Pin Configuration
PIN # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42
Symbol VSS DQ0 DQ1 DQ2 DQ3 VCC DQ4 DQ5 DQ6 DQ7 DQ8 VSS DQ9 DQ10 DQ11 DQ12 DQ13 VCC DQ14 DQ15 DQ16 DQ17 VSS NC NC VCC WE0 CAS0 NC RAS0 OE0 VSS A0 A2 A4 A6 A8 A10 NC VCC NC NC
PIN # 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84
Symbol VSS OE2 RAS2 CAS4 NC WE2 VCC NC NC DQ18 DQ19 VSS DQ20 DQ21 DQ22 DQ23 VCC DQ24 NC NC NC NC DQ25 DQ26 DQ27 VSS DQ28 DQ29 DQ30 DQ31 VCC DQ32 DQ33 DQ34 DQ35 VSS PD1 PD3 PD5 PD7 ID0 (VSS) VCC
PIN # 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126
Symbol VSS DQ36 DQ37 DQ38 DQ39 VCC DQ40 DQ41 DQ42 DQ43 DQ44 VSS DQ45 DQ46 DQ47 DQ48 DQ49 VCC DQ50 DQ51 DQ52 DQ53 VSS NC NC VCC NC NC NC NC NC VSS A1 A3 A5 A7 A9 A11 NC VCC NC B0
PIN # 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168
Symbol VSS NC NC NC NC PDE VCC NC NC DQ54 DQ55 VSS DQ56 DQ57 DQ58 DQ59 VCC DQ60 NC NC NC NC DQ61 DQ62 DQ63 VSS DQ64 DQ65 DQ66 DQ67 VCC DQ68 DQ69 DQ70 DQ71 VSS PD2 PD4 PD6 PD8 ID1 (VSS) VCC
Semiconductor Group
3
HYM72V8020/30GS-50/-60 8M x 72-ECC Module
RAS0 CAS0 WE0 OE0
RAS2 CAS4 WE2 OE2
DQ0-DQ7
I/O1-I/O8 D0
DQ40-DQ47
I/O1-I/O8 D5
DQ8-DQ15
I/O1-I/O8 D1
DQ48-DQ55
I/O1-I/O8 D6
DQ16-DQ23
I/O1-I/O8 D2
DQ56-DQ63
I/O1-I/O8 D7
DQ24-DQ31
I/O1-I/O8 D3
DQ64-DQ71
I/O1-I/O8 D8
DQ32-DQ39
I/O1-I/O8 D4
A0 B0 A1-A11
D0 - D4 D5 - D8 D0 - D8
Vcc Vss D0-D8, buffers
PDE Vcc or Vss
PD1-PD8
Block Diagram
Semiconductor Group
4
HYM72V8020/30GS-50/-60 8M x 72-ECC Module
Absolute Maximum Ratings Operating temperature range ......................................................................................... 0 to + 70 C Storage temperature range...................................................................................... - 55 to + 125 C Input/output voltage ............................................................................... -0.5 to min (Vcc+0.5, 4.6) V Power supply voltage................................................................................................. - 0.5V to 4.6 V Power dissipation.................................................................................................................... 5,8 W Data out current (short circuit) ................................................................................................ 50 mA Note: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC Characteristics TA = 0 to 70 C; VCC = 3.3 V 0.3 V Parameter Input high voltage Input low voltage Output high voltage (LVTTL) Output "level voltage ( IOUT = - 2 mA) H Output low voltage (LVTTL) Output " level voltage ( IOUT = + 2 mA) L Output high voltage (LVCMOS) Output "level voltage ( IOUT = - 100 A) H Output low voltage (LVCMOS) Output " level voltage ( IOUT = + 100 A) L Input leakage current (0 V < VIN < Vcc, all other pins = 0 V) Output leakage current (DO is disabled, 0 V < VOUT < Vcc) Average VCC supply current: -50 version -60 version (RAS, CAS, address cycling, tRC = tRC min.) Standby VCC supply current (RAS = CAS =2.4V, one address change within 15,6 s trc) Symbol Limit Values min. max. Vcc + 0.3 V 0.8 - 0.4 - 0.2 20 20 V V V V V A A 2.0 - 0.3 2.4 - Vcc-0.2 - - 20 - 20 Unit Test Condition 1) 1) 1) 1) 1) 1) 1) 1)
VIH VIL VOH VOL VOH VOL II(L) IO(L) ICC1
- -
1260 1080
mA mA
2) 3) 4)
ICC2
-
50
mA
-
Semiconductor Group
5
HYM72V8020/30GS-50/-60 8M x 72-ECC Module
Parameter
Symbol
Limit Values min. max.
Unit
Test Condition
2) 4)
Average VCC supply current during RAS ICC3 only refresh cycles: -50 version -60 version (RAS cycling, CAS = VIH , t RC = tRC min.) Average VCC supply current during fast ICC4 page mode: -50 version -60 version (RAS = VIL, CAS, address cycling tPC = tPC min.) Standby VCC supply current (RAS = CAS = VCC - 0.2 V, one address change within 15,6 s trc)
- -
1260 1080
mA mA
- - -
765 675
mA mA
2) 3) 4)
ICC5
-
30
mA
-
ICC6 Average VCC supply current during CAS-before-RAS refresh mode: -50 version -60 version
(RAS, CAS cycling, tRC = tRC min.) Capacitance TA = 0 to 70 C; VCC = 3.3 V 0.3 V; f = 1 MHz Parameter Input capacitance (A0 to A11,B0) Input capacitance (RAS0, RAS2) Input capacitance (CAS0, CAS4) Input capacitance (WE0,WE2,OE0,OE2) I/O capacitance (DQ0-DQ71)
- -
1260 1080
mA mA
2) 4)
Symbol min.
Limit Values max. 10 50 15 15 15 - - - - -
Unit pF pF pF pF pF
CI1 CI2 CI3 CI4 CIO1
Semiconductor Group
6
HYM72V8020/30GS-50/-60 8M x 72-ECC Module
AC Characteristics (note:5, 6,7,8) TA = 0 to 70 C,VCC = 3.3 0.3 V Parameter Symbol min. -50 max. min. -60 max. Unit Note
common parameters
Random read or write cycle time RAS precharge time RAS pulse width CAS pulse width Row address setup time Row address hold time Column address setup time Column address hold time RAS to CAS delay time RAS to column address delay time RAS hold time CAS hold time CAS to RAS precharge time Transition time (rise and fall) Refresh period tRC tRP tRAS tCAS tASR tRAH tASC tCAH tRCD tRAD tRSH tCSH 90 30 50 13 5 8 2 15 16 11 18 48 10 3 - - - 100k 100k - - - - 32 20 - - - 30 64 110 40 60 15 5 8 2 15 18 13 20 58 10 3 - - - 100k 100k - - - - 40 25 - - - 30 64 ns ns ns ns ns ms ns ns ns ns ns ns ns ns
9 10 11 9 12
12
9 10 9 7
tCRP
tT tREF
Read Cycle
Access time from RAS Access time from CAS Access time from column address OE access time Column address to RAS lead time Read command setup time Read command hold time Read command hold time referenced to RAS CAS to output in low-Z Output buffer turn-off delay Output buffer turn-off delay from OE tRAC tCAC tAA tOEA tRAL tRCS tRCH tRRH tCLZ tOFF tOEZ - - - - 30 2 2 0 2 - - 50 18 30 18 - - - - - 18 18 - - - - 35 2 2 0 2 - - 60 20 35 20 - - - - - 20 20 ns ns ns ns ns ns ns ns ns ns ns
13,14
9,13,14 9,13, 15
9,13 9 11 11,16 16 11,13 9,17 9,17
Semiconductor Group
7
HYM72V8020/30GS-50/-60 8M x 72-ECC Module
AC Characteristics (cont' (note:5, 6,7,8) d) TA = 0 to 70 C,VCC = 3.3 0.3 V Parameter CAS delay time from Din Data to OE low delay CAS high to data delay OE high to data delay Symbol min. tDZC tDZO tCDD tODD 0 0 18 18 -50 max. - - - - min. 0 0 20 20 -60 max. - - - - ns ns ns ns
18 18 9,19 9,19
Unit
Note
Write Cycle
Write command hold time Write command pulse width Write command setup time Write command to RAS lead time Write command to CAS lead time Data setup time Data hold time tWCH tWP tWCS tRWL tCWL tDS tDH 13 8 2 18 13 -2 15 - - - - - - - 15 10 2 20 15 -2 15 - - - - - - - ns ns ns ns ns ns ns
10,21 9,21 11,20 9 9
Read-Modify-Write Cycle
Read-write cycle time RAS to WE delay time CAS to WE delay time Column address to WE delay time OE command hold time tRWC tRWD tCWD tAWD tOEH 131 70 33 45 11 - - - - - 155 82 37 52 13 - - - - - ns ns ns ns ns
9 11,21 11,21 11,21
10
Fast Page Mode Cycle
Fast page mode cycle time CAS precharge time Access time from CAS precharge RAS pulse width CAS precharge to RAS Delay tPC tCP tCPA tRAS tRHCP 35 10 - 50 35 - - 35 200k - 40 10 - 60 40 - - 40 200k - ns ns ns ns ns
9 9,13
Semiconductor Group
8
HYM72V8020/30GS-50/-60 8M x 72-ECC Module
AC Characteristics (cont' (note:5, 6,7,8) d) TA = 0 to 70 C,VCC = 3.3 0.3 V Parameter Symbol min. -50 max. min. -60 max. Unit Note
Fast Page Mode Read-Modify-Write Cycle
Fast page mode read-write cycle time CAS precharge to WE tPRWC tCPWD 73 50 - - 82 57 - - ns ns
11 11,21
CAS-before-RAS Refresh Cycle
CAS setup time CAS hold time RAS to CAS precharge time Write to RAS precharge time Write hold time referenced to RAS tCSR tCHR tRPC tWRP tWRH 7 8 5 12 8 - - - - - 7 8 5 12 8 - - - - - ns ns ns ns ns 11 10
11
10
Presence Detect Read Cycle
PDE to valid presence detect data PDE inactive to presence detects inactive Waveforms: For waveforms see " 68 pin fast-page mode DIMM modules waveforms" 1 tPD tPDOFF - 0 10 10 - 0 10 10 ns ns
Semiconductor Group
9
HYM72V8020/30GS-50/-60 8M x 72-ECC Module
Notes:
All voltages are referenced to VSS. ICC1, ICC3, ICC4 and ICC6 depend on cycle rate. ICC1 and ICC4 depend on output loading. Specified values are measured with the output open. Address can be changed once or less while RAS = Vil.In the case of ICC4 it can be changed once or less during a fast page mode cycle ( tpc). 5) An initial pause of 100 s is required after power-up followed by 8 RAS-only-refresh cycles, before proper device operation is achieved. In case of using internal refresh counter, a minimum of 8 CAS-before-RAS initialization cycles instead of 8 RAS cycles are required. 6) AC measurements assume tT = 5 ns. 7) VIH (min.) and VIL (max.) are reference levels for measuring timing of input signals. Also, transition times are measured between VIH and VIL. 8) The specified timings include buffer, loading and skew delay adders: 2ns minimum, 5ns (CAS, WE, OE, addresses) maximum delay, no pulse shrinkage to the DRAM device timings. The data and RAS signals are not buffered, which preserves the DRAMs access specification of 50ns and 60ns. 9) A +5ns timing skew from the DRAM to the module resulted from the addition of line drivers. 10) A -2ns timing skew from the DRAM to the module resulted from the addition of line drivers. 11) A +2ns timing skew from the DRAM to the module resulted from the addition of line drivers. 12) A -2ns (min.) and a -5ns (max.) timing skew from the DRAM to the module resulted from the addition of line drivers. 13) Measured with the specified current load and 100 pF at Voh = 2.0 V and Vol = 0.8 V. 14) Operation within the tRCD (max.) limit ensures that tRAC (max.) can be met. tRCD (max.) is specified as a reference point only: If tRCD is greater than the specified tRCD (max.) limit, then access time is controlled by tCAC. 15) Operation within the tRAD (max.) limit ensures that tRAC (max.) can be met. tRAD (max.) is specified as a reference point only: If tRAD is greater than the specified tRAD (max.) limit, then access time is controlled by tAA. 16) Either tRCH or tRRH must be satisfied for a read cycle. 17) tOFF (max.) and tOEZ (max.) define the time at which the outputs achieve the open-circuit condition and are not referenced to output voltage levels. 18) Either tDZC or tDZO must be satisfied. 19) Either tCDD or tODD must be satisfied. 20) tWCS, tRWD, tCWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCS > tWCS (min.), the cycle is an early write cycle and the I/O pin will remain open-circuit (high impedance) through the entire cycle; if tRWD > tRWD (min.), tCWD > tCWD (min.), tAWD > tAWD (min.) and tCPWD > tCPWD (min.) , the cycle is a read-write cycle and I/O pins will contain data read from the selected cells. If neither of the above sets of conditions is satisfied, the condition of the I/O pins (at access time) is indeterminate. 21) These parameters are referenced to CAS leading edge in early write cycles and to WE leading edge in ReadModify-Write cycles. 1) 2) 3) 4)
Semiconductor Group
10
HYM72V8020/30GS-50/-60 8M x 72-ECC Module
Semiconductor Group
11
HYM72V8020/30GS-50/-60 8M x 72-ECC Module
L-DIM-168-3 Module package (dual read-out, single in-line memory module)
133,35 *)
3,0
1
10 11
40 127,35
41
84
A
85 94 95 124 125
B
168
6,35
6,35
1,27
2,54 min.
1,0 + 0.5 -
3,125
3,125
2,0 Detail A
2,0 Detail B
Detail C
*) 4.00 max for modules assembled with TSOPII-packages 9.00 max for modules assembled with SOJ-packages DM168-3.WMF
preliminary drawing
Semiconductor Group
12
17,78
0,2 + 0,15 -
25,40


▲Up To Search▲   

 
Price & Availability of HYM72V8030GS-60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X